| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7147 Fiches technique(PDF) 63 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7147 Fiches technique(HTML) 63 Page - Analog Devices |
|
63 / 71 page ![]() AD7147 Data Sheet Table 43. STAGE4 Results Registers Address Data Bit Default Value Type Name Description 0x170 [15:0] X R/W STAGE4_CONV_DATA STAGE4 CDC 16-bit conversion data (copy of CDC_RESULT_S4 register) 0x171 [15:0] X R/W STAGE4_FF_WORD0 STAGE4 fast FIFO WORD0 0x172 [15:0] X R/W STAGE4_FF_WORD1 STAGE4 fast FIFO WORD1 0x173 [15:0] X R/W STAGE4_FF_WORD2 STAGE4 fast FIFO WORD2 0x174 [15:0] X R/W STAGE4_FF_WORD3 STAGE4 fast FIFO WORD3 0x175 [15:0] X R/W STAGE4_FF_WORD4 STAGE4 fast FIFO WORD4 0x176 [15:0] X R/W STAGE4_FF_WORD5 STAGE4 fast FIFO WORD5 0x177 [15:0] X R/W STAGE4_FF_WORD6 STAGE4 fast FIFO WORD6 0x178 [15:0] X R/W STAGE4_FF_WORD7 STAGE4 fast FIFO WORD7 0x179 [15:0] X R/W STAGE4_SF_WORD0 STAGE4 slow FIFO WORD0 0x17A [15:0] X R/W STAGE4_SF_WORD1 STAGE4 slow FIFO WORD1 0x17B [15:0] X R/W STAGE4_SF_WORD2 STAGE4 slow FIFO WORD2 0x17C [15:0] X R/W STAGE4_SF_WORD3 STAGE4 slow FIFO WORD3 0x17D [15:0] X R/W STAGE4_SF_WORD4 STAGE4 slow FIFO WORD4 0x17E [15:0] X R/W STAGE4_SF_WORD5 STAGE4 slow FIFO WORD5 0x17F [15:0] X R/W STAGE4_SF_WORD6 STAGE4 slow FIFO WORD6 0x180 [15:0] X R/W STAGE4_SF_WORD7 STAGE4 slow FIFO WORD7 0x181 [15:0] X R/W STAGE4_SF_AMBIENT STAGE4 slow FIFO ambient value 0x182 [15:0] X R/W STAGE4_FF_AVG STAGE4 fast FIFO average value 0x183 [15:0] X R/W STAGE4_PEAK_DETECT_WORD0 STAGE4 peak FIFO WORD0 value 0x184 [15:0] X R/W STAGE4_PEAK_DETECT_WORD1 STAGE4 peak FIFO WORD1 value 0x185 [15:0] X R/W STAGE4_MAX_WORD0 STAGE4 maximum value FIFO WORD0 0x186 [15:0] X R/W STAGE4_MAX_WORD1 STAGE4 maximum value FIFO WORD1 0x187 [15:0] X R/W STAGE4_MAX_WORD2 STAGE4 maximum value FIFO WORD2 0x188 [15:0] X R/W STAGE4_MAX_WORD3 STAGE4 maximum value FIFO WORD3 0x189 [15:0] X R/W STAGE4_MAX_AVG STAGE4 average maximum FIFO value 0x18A [15:0] X R/W STAGE4_HIGH_THRESHOLD STAGE4 high threshold value 0x18B [15:0] X R/W STAGE4_MAX_TEMP STAGE4 temporary maximum value 0x18C [15:0] X R/W STAGE4_MIN_WORD0 STAGE4 minimum value FIFO WORD0 0x18D [15:0] X R/W STAGE4_MIN_WORD1 STAGE4 minimum value FIFO WORD1 0x18E [15:0] X R/W STAGE4_MIN_WORD2 STAGE4 minimum value FIFO WORD2 0x18F [15:0] X R/W STAGE4_MIN_WORD3 STAGE4 minimum value FIFO WORD3 0x190 [15:0] X R/W STAGE4_MIN_AVG STAGE4 average minimum FIFO value 0x191 [15:0] X R/W STAGE4_LOW_THRESHOLD STAGE4 low threshold value 0x192 [15:0] X R/W STAGE4_MIN_TEMP STAGE4 temporary minimum value 0x193 [15:0] X R/W Unused Set to 0 Rev. E | Page 62 of 70 |