| Moteur de recherche de fiches techniques de composants électroniques |
|
MAP30 Fiches technique(PDF) 1 Page - Bel Fuse Inc. |
|
|
|||||||||||||||||||||||||||||
MAP30 Fiches technique(HTML) 1 Page - Bel Fuse Inc. |
|
1 / 6 page ![]() The Bel Power Solutions MAP30/40/42 Series of power supplies combines low cost and universal input in a board-only power solution to meet commercial and industrial requirements. Full international safety, EMI and ESD compliance ensure worldwide acceptance. All units bear the CE Mark. Fixed frequency operation simplifies system level operation. The MAP30/40/42 Series is configured to the international standard 3 x 5 inch footprint. Input and output connections are made via popular single-row Molex connectors. Single output models feature wide- range output adjustability to meet a wide variety of standard and user- specific output voltage requirements. Universal Input 85-264 VAC Input Transient & ESD Compliance to EN61000-4-2/-3/-4 Meets EN55022 Conducted and Radiated Limits Greater than 311,000 Hours MTBF Remote Sense (MAP30, MAP42) RoHS Compliant CE Marked to Low Voltage Directive |
Numéro de pièce similaire - MAP30 |
|
Description similaire - MAP30 |