| Moteur de recherche de fiches techniques de composants électroniques |
|
ST92F120JR9Q7 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92F120JR9Q7 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 324 page ![]() 7/324 ST92F120 - GENERAL DESCRIPTION Figure 2. CMOS Basic Inverter When an input is kept at logic zero, the N-channel transistor is off, while the P-channel is on and can conduct. The opposite occurs when an input is kept at logic one. CMOS transistors are essentially linear devices with relatively broad switching points. During commutation, the input passes through midsupply, and there is a region of input voltage values where both P and N-channel tran- sistors are on. Since normally the transitions are fast, there is a very short time in which a current can flow: once the switching is completed there is no longer current. This phenomenon explains why the overall current depends on the switching rate: the consumption is directly proportional to the number of transistors inside the device which are in the linear region during transitions, charging and discharging internal capacitances. In order to avoid extra power supply current, it is important to bias input pins properly when not used. In fact, if the input impedance is very high, pins can float, when not connected, either to a midsupply level or can oscillate (injecting noise in the device). Depending on the specific configuration of each I/O pin on different ST9 devices, it can be more or less critical to leave unused pins floating. For this reason, on most pins, the configuration after RE- SET enables an internal weak pull-up transistor in order to avoid floating conditions. For other pins this is intrinsically forbidden, like for the true open- drain pins. In any case, the application software must program the right state for unused pins to avoid conflicts with external circuitry (whichever it is: pull-up, pull-down, floating, etc.). The suggested method of terminating unused I/O is to connect an external individual pull-up or pull- down for each pin, even though initialization soft- ware can force outputs to a specified and defined value, during a particular phase of the RESET rou- tine there could be an undetermined status at the input section. Usage of pull-ups and/or pull-downs is preferable in place of direct connection to VDD or VSS. If pull- up or pull-down resistors are used, inputs can be forced for test purposes to a different value, and outputs can be programmed to both digital levels without generating high current drain due to the conflict. Anyway, during system verification flow, attention must be paid to reviewing the connection of each pin, in order to avoid potential problems. 1.2.4 Avoidance of Pin Damage Although integrated circuit data sheets provide the user with conservative limits and conditions in or- der to prevent damage, sometimes it is useful for the hardware system designer to know the internal failure mechanisms: the risk of exposure to illegal voltages and conditions can be reduced by smart protection design. It is not possible to classify and to predict all the possible damage resulting from violating maxi- mum ratings and conditions, due to the large number of variables that come into play in defining the failures: in fact, when an overvoltage condition is applied, the effects on the device can vary sig- nificantly depending on lot-to-lot process varia- tions, operating temperature, external interfacing of the ST9 with other devices, etc. In the following sections, background technical in- formation is given in order to help system design- ers to reduce risk of damage to the ST9 device. 1.2.4.1 Electrostatic Discharge and Latchup CMOS integrated circuits are generally sensitive to exposure to high voltage static electricity, which can induce permanent damage to the device: a typical failure is the breakdown of thin oxides, which causes high leakage current and sometimes shorts. Latchup is another typical phenomenon occurring in integrated circuits: unwanted turning on of para- sitic bipolar structures, or silicon-controlled rectifi- ers (SCR), may overheat and rapidly destroy the device. These unintentional structures are com- posed of P and N regions which work as emitters, bases and collectors of parasitic bipolar transis- tors: the bulk resistance of the silicon in the wells and substrate act as resistors on the SCR struc- ture. Applying voltages below VSS or above VDD, and when the level of current is able to generate a P N IN OUT VDD VSS 9 |