Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AC12FSM Fiches technique(PDF) 93 Page - Teccor Electronics

No de pièce AC12FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TECCOR [Teccor Electronics]
Site Internet  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC12FSM Fiches technique(HTML) 93 Page - Teccor Electronics

Back Button AC12FSM Datasheet HTML 89Page - Teccor Electronics AC12FSM Datasheet HTML 90Page - Teccor Electronics AC12FSM Datasheet HTML 91Page - Teccor Electronics AC12FSM Datasheet HTML 92Page - Teccor Electronics AC12FSM Datasheet HTML 93Page - Teccor Electronics AC12FSM Datasheet HTML 94Page - Teccor Electronics AC12FSM Datasheet HTML 95Page - Teccor Electronics AC12FSM Datasheet HTML 96Page - Teccor Electronics AC12FSM Datasheet HTML 97Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 223 page
background image
2002 Teccor Electronics
M1 - 1
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Package Dimensions
M1
This section contains the dimensions for the following packages:
•
F Package — TO-202AB, Type 1 (Non-isolated)
•
Y Package — DO-35 or DO-204AH
•
R Package — TO-220AB (Non-isolated)
•
L Package — TO-220AB (Isolated)
•
P Package — TO-3 Fastpak (Isolated)
•
E Package — TO-92 (Isolated)
•
S Package — DO-214AA
•
M Package — TO-218AC (Non-isolated)
•
K Package — TO-218AC (Isolated)
•
W Package — TO-218X (Non-isolated)
•
J Package — TO-218X (Isolated)
•
G Package — DO-15X Axial Lead
•
C Package — Compak
•
N Package — TO-263
•
D Package — TO-252
•
V Package — TO-251
M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More