| Moteur de recherche de fiches techniques de composants électroniques |
|
SI4464DY Fiches technique(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
SI4464DY Fiches technique(HTML) 2 Page - Vishay Siliconix |
|
2 / 5 page ![]() Si4464DY Vishay Siliconix New Product www.vishay.com 2 Document Number: 72051 S-22099—Rev. A, 02-Dec-02 SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED) Parameter Symbol Test Condition Min Typ Max Unit Static Gate Threshold Voltage VGS(th) VDS = VGS, ID = 250 mA 2.0 4 V Gate-Body Leakage IGSS VDS = 0 V, VGS = "20 V "100 nA VDS = 160 V, VGS = 0 V 1 m Zero Gate Voltage Drain Current IDSS VDS = 160 V, VGS = 0 V, TJ = 55_C 5 mA On-State Drain Currenta ID(on) VDS w 5 V, VGS = 10 V 8 A VGS = 10 V, ID = 2.2 A 0.195 0.240 W Drain-Source On-State Resistancea rDS(on) VGS = 6.0 V, ID = 2.1 A 0.210 0.260 W Forward Transconductancea gfs VDS = 15 V, ID = 2.2 A 8.0 S Diode Forward Voltagea VSD IS = 2.1 A, VGS = 0 V 0.8 1.2 V Dynamicb Total Gate Charge Qg 12 18 Gate-Source Charge Qgs VDS = 100 V, VGS = 10 V, ID = 2.2 A 2.5 nC Gate-Drain Charge Qgd 3.8 Gate Resistance RG 2.5 W Turn-On Delay Time td(on) 10 15 Rise Time tr VDD = 100 V, RL = 100 W 12 20 Turn-Off Delay Time td(off) VDD = 100 V, RL = 100 W ID ^ 1.0 A, VGEN = 10 V, RG = 6 W 15 25 ns Fall Time tf 15 25 Source-Drain Reverse Recovery Time trr IF = 2.1 A, di/dt = 100 A/ms 60 90 Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. TYPICAL CHARACTERISTICS (25_C UNLESS NOTED) 0 2 4 6 8 0123456 0 2 4 6 8 02 46 8 VGS = 10 thru 5 V TC = 125_C -55 _C 25 _C Output Characteristics Transfer Characteristics VDS - Drain-to-Source Voltage (V) VGS - Gate-to-Source Voltage (V) 4 V 3 V |