| Moteur de recherche de fiches techniques de composants électroniques |
|
AC08FSM Fiches technique(PDF) 100 Page - Teccor Electronics |
|
|
|||||||||||||||||||||||||||||
AC08FSM Fiches technique(HTML) 100 Page - Teccor Electronics |
|
100 / 223 page ![]() Package Dimensions Data Sheets http://www.teccor.com M1 - 8 2002 Teccor Electronics +1 972-580-7777 Thyristor Product Catalog D Package — TO-252AA D-Pak Surface Mount V Package — TO-251AA V-Pak Through Hole G A C B E K P L F .460 0.071 (1.8) 0.118 (3.0) 0.181 (4.6) Pad Outline 0.264 (6.7) O D Case Temperature Measurement Point M H 0.264 (6.7) Dimensions are in inches (and millimeters). 0.063 (1.6) MT1 / Cathode MT2 / Anode Gate Dimension Inches Millimeters MIN MAX MIN MAX A 0.236 0.244 6.00 6.20 B 0.379 0.409 9.63 10.39 C 0.176 0.184 4.47 4.67 D 0.035 0.050 0.89 0.27 E 0.087 0.093 2.21 2.36 F 0.027 0.033 0.69 0.84 G 0.205 0.213 5.21 5.41 H 0.251 0.261 6.38 6.63 J 0.040 0.050 1.02 1.27 K 0.086 0.094 2.18 2.39 L 0.026 0.036 0.66 0.91 M 0.018 0.023 0.46 0.58 N 0.170 0.180 4.32 4.57 O 0.002 0.010 0.05 0.25 P 0.018 0.023 0.46 0.58 D B C J L K A Case Temperature Measurement Point H E F G Gate MT1 / Cathode MT2 / Anode Mounting Tab Internally Connected to MT2 MT2 / Anode Dimension Inches Millimeters MIN MAX MIN MAX A 0.040 0.050 1.02 1.27 B 0.236 0.244 6.00 6.20 C 0.350 0.375 8.89 9.53 D 0.205 0.213 5.21 5.41 E 0.251 0.261 6.38 6.63 F 0.027 0.033 0.69 0.84 G 0.087 0.093 2.21 2.36 H 0.086 0.094 2.18 2.39 J 0.018 0.023 0.46 0.58 K 0.036 0.042 0.91 1.07 L 0.018 0.023 0.46 0.58 |