| Moteur de recherche de fiches techniques de composants électroniques |
|
SCN2652AC2F40 Fiches technique(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SCN2652AC2F40 Fiches technique(HTML) 18 Page - NXP Semiconductors |
|
18 / 28 page ![]() Philips Semiconductors Product specification SCN2652/SCN68652 Multi-protocol communications controller (MPCC) 1995 May 01 18 TIMING DIAGRAMS (Continued) CLOCK tCLK1 1/f TxC TxSO tCLK0 TxD RxC RxSI tCLK0 tCLK1 tRxS tRxH SD00066 Figure 11. Timing Diagrams (cont.) TRANSMIT – START OF MESSAGE TxC SYNC/FLAG1 1ST CHAR 8 TxC1 MARK TxSO TxBE DBEN SET TSOM LOAD 1st CHAR RESET TSOM LOAD 2nd CHAR TxE TxA 2 3 NOTES: 1. SYNC may be 5 to 8 bits and will contain parity bit as specified. 2. TxA goes high relative to TxC rising edge after TSOM has been set and TxE has been raised. 3. TxBE goes low relative to DBEN falling edge on the first write transfer into TDSR. It is reasserted 1 TxC time before the first bit of the transmitted SYNC/FLAG. TxBE then goes low relative to DBEN falling edge when writing into TDSRH and/or TDSRL. It is reasserted on the rising edge of the TxC that corresponds to the transmission of the last bit of each character, except in BOP mode when the CRC is to be sent as the next character (see Transmit Timing–End of Message). SD00067 Figure 12. Timing Diagrams (cont.) |