| Moteur de recherche de fiches techniques de composants électroniques |
|
PCMP384J1C Fiches technique(PDF) 7 Page - World Produts Inc. |
|
|
|||||||||||||||||||||||||||||
PCMP384J1C Fiches technique(HTML) 7 Page - World Produts Inc. |
|
7 / 26 page ![]() Pilkor components Metallized Polypropylene PCMP 384 film capacitors 191 VRdc = 630 V VRac = 400 V ~ CATALOGUE NUMBER PCMP 384 ..... loose in box ammo packing lt = 5.0 ± 1.0 mm H = 16.0 mm Reduced pitch(7.5mm) Cap (㎌) b x h x l (mm) Mess (g) C – tol. ± 5 % C – tol. ± 5 % Pitch = 10.0 ± 0.4 mm dt = 0.6 +0.06/-0.05 mm 0.0010 0.0011 0.0012 0.0013 0.0015 0.0016 0.0018 0.0020 0.0022 0.0024 0.0027 0.0030 0.0033 0.0036 0.0039 0.0043 0.0047 0.0051 0.0056 0.0062 0.0068 0.0075 0.0082 4.0 x 10.0 x 12.5 0.8 PCMP 384 12102 PCMP 384 12112 PCMP 384 12122 PCMP 384 12132 PCMP 384 12152 PCMP 384 12162 PCMP 384 12182 PCMP 384 12202 PCMP 384 12222 PCMP 384 12242 PCMP 384 12272 PCMP 384 12302 PCMP 384 12332 PCMP 384 12362 PCMP 384 12392 PCMP 384 12432 PCMP 384 12472 PCMP 384 12512 PCMP 384 12562 PCMP 384 12622 PCMP 384 12682 PCMP 384 12752 PCMP 384 12822 PCMP 384 1A102 PCMP 384 1A112 PCMP 384 1A122 PCMP 384 1A132 PCMP 384 1A152 PCMP 384 1A162 PCMP 384 1A182 PCMP 384 1A202 PCMP 384 1A222 PCMP 384 1A242 PCMP 384 1A272 PCMP 384 1A302 PCMP 384 1A332 PCMP 384 1A362 PCMP 384 1A392 PCMP 384 1A432 PCMP 384 1A472 PCMP 384 1A512 PCMP 384 1A562 PCMP 384 1A622 PCMP 384 1A682 PCMP 384 1A752 PCMP 384 1A822 0.0091 0.010 0.011 0.012 5.0 x 11.0 x 12.5 0.9 PCMP 384 12912 PCMP 384 12103 PCMP 384 12113 PCMP 384 12123 PCMP 384 1A912 PCMP 384 1A103 PCMP 384 1A113 PCMP 384 1A123 0.013 0.015 0.016 0.018 6.0 x 12.0 x 12.5 1.0 PCMP 384 12133 PCMP 384 12153 PCMP 384 12163 PCMP 384 12183 PCMP 384 1A133 PCMP 384 1A153 PCMP 384 1A163 PCMP 384 1A183 Pitch = 15.0 ± 0.4 mm dt = 0.8 +0.08/-0.05 mm 0.020 0.022 0.024 0.027 5.0 x 11.0 x 18.0 1.2 PCMP 384 12203 PCMP 384 12223 PCMP 384 12243 PCMP 384 12273 PCMP 384 1A203 PCMP 384 1A223 PCMP 384 1A243 PCMP 384 1A273 0.030 0.033 0.036 0.039 6.0 x 12.0 x 18.0 1.4 PCMP 384 12303 PCMP 384 12333 PCMP 384 12363 PCMP 384 12393 PCMP 384 1A303 PCMP 384 1A333 PCMP 384 1A363 PCMP 384 1A393 0.043 0.047 7.0 x 13.5 x 18.0 1.9 PCMP 384 12433 PCMP 384 12473 PCMP 384 1A433 PCMP 384 1A473 0.051 0.056 0.062 0.068 8.5 x 15.0 x 18.0 2.6 PCMP 384 12513 PCMP 384 12563 PCMP 384 12623 PCMP 384 12683 PCMP 384 1A513 PCMP 384 1A563 PCMP 384 1A623 PCMP 384 1A683 0.075 0.082 0.091 0.10 10.0 x 16.5 x 18.0 3.1 PCMP 384 12753 PCMP 384 12823 PCMP 384 12913 PCMP 384 12104 PCMP 384 1A753 PCMP 384 1A823 PCMP 384 1A913 PCMP 384 1A104 |