| Moteur de recherche de fiches techniques de composants électroniques |
|
CCP-37S60-R Fiches technique(PDF) 2 Page - Willow Technologies Ltd |
|
|
|||||||||||||||||||||||||||||
CCP-37S60-R Fiches technique(HTML) 2 Page - Willow Technologies Ltd |
|
2 / 6 page ![]() CCP-37SPage 2 SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE © 2013 TELEDYNE COAX SWITCHES CCP-37S\072013\Q3 Series CCP-37S Miniature DC–3 GHz Low PIM Latching TRANSFER Coaxial Switch COAX SWITCHES SCHEMATICS AND MECHANICAL OUTLINE 9 PIN D-SUB PINOUT FOR LATCHING TRANSFER OPTIONS Pin No. Basic Indicators TTL Indicators & TTL 11 1 22 2 3 C C Common Common 41 1 52 2 6Vsw Vsw 7A A 8B B 9C C TRUTH TABLE (with TTL option) Logic Input RF Path Indicator (if applicable) 12 1-2 1-3 2-4 3-4 A B 00 No Change N/A 10 Off On On Off A & C 01 On Off Off On B & C 11 Forbidden N/A P/N: VOLTAGE: VDC D/C: M/O: RoHS MADE IN TELEDYNE COAX SWITCHES |