| Moteur de recherche de fiches techniques de composants électroniques |
|
M24C01-MN6T Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C01-MN6T Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 29 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 6/29 Figure 5. I2C Bus Protocol Table 2. Device Select Code Note: 1. The most significant bit, b7, is sent first. 2. E0, E1 and E2 are compared against the respective external pins on the memory device. 3. A10, A9 and A8 represent most significant bits of the address. Device Type Identifier1 Chip Enable2,3 RW b7 b6 b5 b4 b3 b2 b1 b0 M24C01 Select Code 1010 E2 E1 E0 RW M24C02 Select Code 1010 E2 E1 E0 RW M24C04 Select Code 1010 E2 E1 A8 RW M24C08 Select Code 1010 E2 A9 A8 RW M24C16 Select Code 1010 A10 A9 A8 RW SCL SDA SCL SDA SDA START Condition SDA Input SDA Change AI00792B STOP Condition 1 23 7 89 MSB ACK START Condition SCL 1 23 7 89 MSB ACK STOP Condition |