| Moteur de recherche de fiches techniques de composants électroniques |
|
LED171596ARSLR Fiches technique(PDF) 126 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LED171596ARSLR Fiches technique(HTML) 126 Page - Texas Instruments |
|
126 / 153 page ![]() 126 LED171596A SNVSAY2 – OCTOBER 2017 www.ti.com Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated Table 256. LED79_72_SLOPE Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led79_72_slope R/W 0h Matrix Sloper selection bits for LEDs 72-79: 0=LED is not part of sloping, 1=LED is part of sloping 7.6.1.250 LED87_80_SLOPE Register (Address = 1D9h) [reset = 0h] LED87_80_SLOPE is shown in Figure 275 and described in Table 257. Return to Summary Table. Figure 275. LED87_80_SLOPE Register 15 14 13 12 11 10 9 8 RESERVED R/W-0h 7 6 5 4 3 2 1 0 led87_80_slope R/W-0h Table 257. LED87_80_SLOPE Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led87_80_slope R/W 0h Matrix Sloper selection bits for LEDs 80-87: 0=LED is not part of sloping, 1=LED is part of sloping 7.6.1.251 LED95_88_SLOPE Register (Address = 1DAh) [reset = 0h] LED95_88_SLOPE is shown in Figure 276 and described in Table 258. Return to Summary Table. Figure 276. LED95_88_SLOPE Register 15 14 13 12 11 10 9 8 RESERVED R/W-0h 7 6 5 4 3 2 1 0 led95_88_slope R/W-0h Table 258. LED95_88_SLOPE Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led95_88_slope R/W 0h Matrix Sloper selection bits for LEDs 88-95: 0=LED is not part of sloping, 1=LED is part of sloping |