| Moteur de recherche de fiches techniques de composants électroniques |
|
LED171596ARSLR Fiches technique(PDF) 74 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LED171596ARSLR Fiches technique(HTML) 74 Page - Texas Instruments |
|
74 / 153 page ![]() 74 LED171596A SNVSAY2 – OCTOBER 2017 www.ti.com Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated 7.6.1.109 LED76_CUR Register (Address = 14Ch) [reset = CCh] LED76_CUR is shown in Figure 134 and described in Table 116. Return to Summary Table. Figure 134. LED76_CUR Register 15 14 13 12 11 10 9 8 RESERVED R/W-0h 7 6 5 4 3 2 1 0 led76_cur R/W-CCh Table 116. LED76_CUR Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led76_cur R/W CCh LED76 driver linear current value 7.6.1.110 LED77_CUR Register (Address = 14Dh) [reset = CCh] LED77_CUR is shown in Figure 135 and described in Table 117. Return to Summary Table. Figure 135. LED77_CUR Register 15 14 13 12 11 10 9 8 RESERVED R/W-0h 7 6 5 4 3 2 1 0 led77_cur R/W-CCh Table 117. LED77_CUR Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led77_cur R/W CCh LED77 driver linear current value 7.6.1.111 LED78_CUR Register (Address = 14Eh) [reset = CCh] LED78_CUR is shown in Figure 136 and described in Table 118. Return to Summary Table. Figure 136. LED78_CUR Register 15 14 13 12 11 10 9 8 RESERVED R/W-0h 7 6 5 4 3 2 1 0 led78_cur R/W-CCh |