| Moteur de recherche de fiches techniques de composants électroniques |
|
PCMP489 Fiches technique(PDF) 2 Page - World Produts Inc. |
|
|
|||||||||||||||||||||||||||||
PCMP489 Fiches technique(HTML) 2 Page - World Produts Inc. |
|
2 / 8 page ![]() Pilkor components Metallized Polypropylene PCMP 489 film capacitors 224 Ordering Information * Reduced pitch (Reduced lead spacings) Available versions Product (Wmax) 13.0 18.0 26.0 Code Packing method C-tol. Lead Figure Lead length & Height Hole to hole ( P0 ) Pitch (P) 1 Loose in box ±5% J lt= 4.5±0.5mm - 10.0 15.0 22.5 2 Loose in box ±5% Y lt= 4.5±0.5mm - 7.5(*) 7.5(*) - 6 Loose in box ±5% J lt= 4.5±0.5mm - - - 20.0 7 Loose in box ±5% A lt= 20.0mm(min.) - 10.0 15.0 22.5 A Ammo packing ±5% F H0=16.0㎜ 15.0mm 7.5(*) 7.5(*) - PCMP 489 X X X X X X Type series Capacitance Code Voltage 4 250V 5 400V 6 630V Code Pitch D 10.0mm F 15.0mm J 22.5mm Tmax dt 4.8±1.3㎜ < Figure Y > Hmax lt P Wmax < Figure J > lt P Wmax Hmax 4.8±1.3㎜ < Figure F > F H0 P0 Wmax Hmax 4.8±1.3㎜ < Figure A > 1.5max Hmax lt Wmax P±1.5 |