| Moteur de recherche de fiches techniques de composants électroniques |
|
PCMP384J12 Fiches technique(PDF) 22 Page - World Produts Inc. |
|
|
|||||||||||||||||||||||||||||
PCMP384J12 Fiches technique(HTML) 22 Page - World Produts Inc. |
|
22 / 26 page ![]() Pilkor components Metallized Polypropylene PCMP 384 film capacitors 206 THE GRAPHS OF CHARACTERISTICS 0 20 100 Tamb(℃) 40 60 80 10 5 10 4 RC (S) 10 6 RC product as a function for ambient temperature ; typical curve 10 0 10 1 10 2 10 3 dissipation factor (x 10 -4) 10 3 10 2 10 5 10 4 10 6 Tangent of loss angle as a function of frequency ; typical curves Impedence as a function of frequency ; typical curves 10 2 2.2㎌ 10 -1 10 1 10 0 10 -2 10 4 10 -3 10 6 10 5 10 7 10 8 impedance (Ω) 1.0㎌ 100nF 10nF 1.0nF C/C (%) C5pacitance change at 1kHz as a function of ambient temperature 0 l 4 2 -2 -4 -50 0 50 100 Tamb(C) max. min. typica -6 -55 -20 0 20 100 Tamb (℃) △ T (℃) 12 10 8 6 4 2 0 -40 40 60 Maximum allowed component temperature rise (ΔT) 80 -55 -20 0 20 100 Tamb (℃) factor 1.2 1.0 0.8 0.6 0.4 0.2 -40 40 60 80 Multiplying factor for DC and AC voltage as a function of temperature |