Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM5706 Fiches technique(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM5706
Description  Sitara Processors
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM5706 Fiches technique(HTML) 13 Page - Texas Instruments

Back Button AM5706 Datasheet HTML 9Page - Texas Instruments AM5706 Datasheet HTML 10Page - Texas Instruments AM5706 Datasheet HTML 11Page - Texas Instruments AM5706 Datasheet HTML 12Page - Texas Instruments AM5706 Datasheet HTML 13Page - Texas Instruments AM5706 Datasheet HTML 14Page - Texas Instruments AM5706 Datasheet HTML 15Page - Texas Instruments AM5706 Datasheet HTML 16Page - Texas Instruments AM5706 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 388 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: AM5706 AM5708
13
AM5706, AM5708
www.ti.com
SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017
Table 4-1. Pin Attributes(1)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
PN [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE
[10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
F8
cap_vbbldo_dsp
cap_vbbldo_dsp
CAP
T7
cap_vbbldo_gpu
cap_vbbldo_gpu
CAP
G14
cap_vbbldo_iva
cap_vbbldo_iva
CAP
F17
cap_vbbldo_mpu
cap_vbbldo_mpu
CAP
U20
cap_vddram_core1
cap_vddram_core1
CAP
K7
cap_vddram_core3
cap_vddram_core3
CAP
G19
cap_vddram_core4
cap_vddram_core4
CAP
L7
cap_vddram_dsp
cap_vddram_dsp
CAP
V7
cap_vddram_gpu
cap_vddram_gpu
CAP
G12
cap_vddram_iva
cap_vddram_iva
CAP
G18
cap_vddram_mpu
cap_vddram_mpu
CAP
AC1
csi2_0_dx0
csi2_0_dx0
0
I
1.8
Yes
LVCMOS
CSI2
PU/PD
AD1
csi2_0_dx1
csi2_0_dx1
0
I
1.8
Yes
LVCMOS
CSI2
PU/PD
AE2
csi2_0_dx2
csi2_0_dx2
0
I
1.8
Yes
LVCMOS
CSI2
PU/PD
AB2
csi2_0_dy0
csi2_0_dy0
0
I
1.8
Yes
LVCMOS
CSI2
PU/PD
AC2
csi2_0_dy1
csi2_0_dy1
0
I
1.8
Yes
LVCMOS
CSI2
PU/PD
AD2
csi2_0_dy2
csi2_0_dy2
0
I
1.8
Yes
LVCMOS
CSI2
PU/PD
H23
dcan1_rx
dcan1_rx
0
IO
PU
PU
15
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
1
uart8_txd
2
O
mmc2_sdwp
3
I
0
hdmi1_cec
No
6
IO
gpio1_15
14
IO
Driver off
15
I
H22
dcan1_tx
dcan1_tx
0
IO
PU
PU
15
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
1
uart8_rxd
2
I
1
mmc2_sdcd
3
I
1
hdmi1_hpd
No
6
IO
gpio1_14
14
IO
Driver off
15
I
AD16
ddr1_casn
ddr1_casn
0
O
PU
drive 1
(OFF)
1.35/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
AD21
ddr1_ck
ddr1_ck
0
O
PD
drive 0
(OFF)
1.35/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More