Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM54LS502J/883 Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DM54LS502J/883
Description  8 - BIT SUCCESSIVE APPROXIMATION REGISTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54LS502J/883 Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  DM54LS502J/883 Datasheet HTML 1Page - National Semiconductor (TI) DM54LS502J/883 Datasheet HTML 2Page - National Semiconductor (TI) DM54LS502J/883 Datasheet HTML 3Page - National Semiconductor (TI) DM54LS502J/883 Datasheet HTML 4Page - National Semiconductor (TI) DM54LS502J/883 Datasheet HTML 5Page - National Semiconductor (TI) DM54LS502J/883 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROCIRCUIT DATA SHEET
MNDM54LS502-X REV 1A0
(Absolute Maximum Ratings)
(Note 1)
Storage Temperature
-65 C to +150 C
Ambient Temperature under Bias
-55 C to +125 C
Input Voltage
-0.5V to +10.0V
VCC Pin Potential to Ground Pin
-0.5V to +7.0V
Junction Temperature under Bias
-55 C to +175 C
Current Applied to Output in LOW state (Max)
twice the rated Iol (ma)
Note 1:
Absolute Maximum ratings are those values beyond which the device may be damaged or
have its useful life impaired.
Functional operation under these conditions is not
implied.
Recommended Operating Conditions
Free Air Ambient Temperature
-55 C to +125 C
Military
Supply Voltage
+4.5V to +5.5V
Military
3



Html Pages

1 2 3 4 5 6