| Moteur de recherche de fiches techniques de composants électroniques |
|
AS102P-128G-RGY Fiches technique(PDF) 1 Page - A-Data Technology |
|
|
|||||||||||||||||||||||||||||
AS102P-128G-RGY Fiches technique(HTML) 1 Page - A-Data Technology |
|
1 / 2 page ![]() S102 Pro USB Flash Drive ADATA S102 Pro USB 3.0 flash drive series has evolved. The S102 Pro continues with the finely textured texture of aluminum alloy casing of the S102, but with performance increased to a maximum read speed of 100MB per second. Letting you enjoy the thrill of high speed transmission, ADATA provides a feeling of luxury at a highly competitive price. Meeting the Challenge of High- Performance Value The USB 3.0 interface has become increasingly popular in the market, and the S102 Pro uses the latest USB 3.0 transmission interface with read speeds of up to 200 MB per second, and write speeds of up to 120 MB per second. Metallic Mystery Complementing the mystery and dignity for your personality, the fine textured aluminum housing has a striking appearance in an appealing titanium color. The cap can be tucked in the back of the drive casing when in use, preventing accidental loss. |
Numéro de pièce similaire - AS102P-128G-RGY |
|
Description similaire - AS102P-128G-RGY |