| Moteur de recherche de fiches techniques de composants électroniques |
|
ODiSI6100-R Fiches technique(PDF) 7 Page - A-Data Technology |
|
|
|||||||||||||||||||||||||||||
ODiSI6100-R Fiches technique(HTML) 7 Page - A-Data Technology |
|
7 / 8 page ![]() ODiSI 6100 ODiSI 6100 Preliminary Data Sheet ENVIRONMENTAL PHYSICAL CERTIFICATIONS ENVIRONMENTAL ODiSI 6100 ODiSI CONTROLLER (LAPTOP) RAYLEIGH ACCELERATOR UNITS Class 1 Laser <10 N/A N/A mW Operating Temperature Range 5 - 40 0 - 40 0 - 35 °C Storage Temperature Range 0 - 40 -40 - 70 °C Operating Relative Humidity (non-condensing) 10 - 90 10 - 90 20-90 % RH Storage Relative Humidity (non-condensing) 10 - 90 10 - 95 % RH Operating Altitude -50 to 10,000 (-15 to 3,000) -50 to 10,000 (-15 to 3,000) ft (m) PHYSICAL ODiSI 6100 ODiSI CONTROLLER (LAPTOP) RAYLEIGH ACCELERATOR UNITS Dimensions W x D x H 13.5 x 13.9 x 4.3 (34 x 35 x 11) 14 x 9.3 x 0.7 (36 x 24 x 17) 5.6 x 8.6 x 3.5 (14 x 22 x 9) in (cm) Weight 13 (6) 4 (1.8) 3.7 (1.7) lb (Kg) Power 50 130 60 W Stand Off Cable 50 N/A N/A m |