| Moteur de recherche de fiches techniques de composants électroniques |
|
AC906-32G-RWH Fiches technique(PDF) 1 Page - A-Data Technology |
|
|
|||||||||||||||||||||||||||||
AC906-32G-RWH Fiches technique(HTML) 1 Page - A-Data Technology |
|
1 / 2 page ![]() ADATA C906 USB FLASH DRIVE The C906 features a classic and simple look that anybody can use anywhere. Available in black and white, it captures the essence of modern design and presents a minimalistic style with a touch of urban charm, making it not only a practical storage device, but also a fashion accessory that speaks to your individuality. A classic design with elegance ● Compact and light – only 9g in weight ● Designed with rounded corners and a glossy finish ● Cap snaps to back of drive to avoid misplacing it Room for everything…and then some! ● Available in 8GB to 32GB ● Store thousands of photos, songs, and videos ● Simple plug n play with instant detection and no drivers or installation |
Numéro de pièce similaire - AC906-32G-RWH |
|
Description similaire - AC906-32G-RWH |