Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D30FD60K Fiches technique(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

No de pièce D30FD60K
Description  Fast Recovery Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Site Internet  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D30FD60K Fiches technique(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  D30FD60K Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D30FD60K Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D30FD60K Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D30FD60K Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
(J532-p〈2013.04〉)
■特性図 CHARACTERI
STI
C DI
AGRAMS
順方向特性
Forward Voltage
150
100
10
0.1
1
01
0.
52
1.
53
2.5
Tc=150℃(TYP)
Tc=125℃(TYP)
Tc=100℃(TYP)
Tc=75℃(TYP)
Tc=50℃(TYP)
Tc=25℃(TYP)
順電力損失曲線
Forward Power Dissipation
逆方向特性
Reverse Current
100
80
40
60
20
00
0.01
0.1
1
10
1000
100
0
100
200
300
400
500 600
50
30
40
20
10
Tj=150℃
Pulse measurement
Pulse measurement
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
1
10
100
50
60
20
40
30
10
00160
40 60 80 100 120 140
20
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
0
200
600
1000
1200
800
400
0
400
350
250
300
200
100
50
150
1
5
2
10
Forward Voltage VF〔V〕
Reverse Voltage VR〔V〕
Average Rectified Forward Current IO〔A〕
Pulse Width tp〔ms〕
Case Temperature Tc〔℃〕
Number of Cycles 〔cycle〕
1cycle
10ms10ms
Sine wave
Non-repetitive
Tj=25℃
VR= VRM
TTjj=
=2
25
5℃
℃
Tj=25℃
tp
Sine wave
Non-repetitive
ディレーティングカーブ
Derating Curve
せん頭サージ順電流減少率─接合部温度
Peak Surge Forward Current Derating vs Junction Temperature
100
60
80
40
20
0
0150
50
75
100
125
25
Junction Temperature Tj〔℃〕
過渡熱抵抗
Transient Thermal Impedance
10
1
0.001
0.1
0.01
1000
10
100
Time t〔s〕
10−4
10−3
10−2
10−1
100
101
接合容量
Junction Capacitance
f=1MHz
Tc=25℃
TYP
Reverse Voltage VR〔V〕
1
600
100
10
Tc=150℃(MAX)
Tc=150℃(TYP)
Tc=25℃(MAX)
Tc=25℃(TYP)
DC
DC
DC
SIN
D=0.
8
0.
5
0.
3
0.
2
0.
1
0.
05
DC
DC
0.
05
0.
5
0.
5
D=0.
8
0.
3
0.
3
0.
2
0.
2
0.
2
0.
1
SIN
D=tp/T
T
tp
IO
D=tp/T
T
0
0
IO
tp
VR
VR= VRM
*Si
newaveは50Hzで測定しています。
* 50Hzsi
newavei
susedf
ormeasur
ement
s.
D30FD60K



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com