| Moteur de recherche de fiches techniques de composants électroniques |
|
HT81R18 Fiches technique(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT81R18 Fiches technique(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 19 page ![]() Block Diagram Pin Assignment Pad Assignment HT81006/HT81009 HT81XXX Rev. 1.40 2 March 1, 2005 I / O 2 I / O 1 K E Y 4 V D D O S C I K E Y 1 K E Y 2 K E Y 3 V P P V S S O U T 3 V S S O U T 2 V D D O U T 1 1 6 1 5 1 4 1 3 1 2 1 1 1 0 9 1 2 3 4 5 6 7 8 H T 8 1 R 0 9 / H T 8 1 R 1 8 / H T 8 1 R 3 6 1 6 D I P - A O E I / O 2 I / O 1 K E Y 4 V D D O S C I K E Y 1 K E Y 2 K E Y 3 N C V S S O U T 3 V S S O U T 2 V D D O U T 1 H T 8 1 0 0 6 / H T 8 1 0 0 9 H T 8 1 0 1 2 / H T 8 1 0 1 8 1 6 D I P - A N C 1 6 1 5 1 4 1 3 1 2 1 1 1 0 9 1 2 3 4 5 6 7 8 D e b o u n c e C i r c u i t O n e - s h o t O s c i l l a t o r C i r c u i t T i m e B a s e G e n e r a t o r R O M A d d r e s s C o u n t e r A u d i o C o n t r o l l e r D a t a R O M I / O 1 I / O 2 S t a t u s D i s p l a y C o n t r o l l e r V D D V S S O S C I S e l e c t o r O U T 2 O U T 3 O U T 1 K E Y 1 ~ 4 1 2 V D D O S C I K E Y 3 V S S O U T 1 V D D O U T 2 I / O 2 I / O 1 K E Y 4 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 ( 0 , 0 ) Chip size: 41.9 ´ 70.3 (mil) 2 * The IC substrate should be connected to VSS in the PCB layout artwork. |