Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S10VB60 Fiches technique(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

No de pièce S10VB60
Description  Square In-line Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Site Internet  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S10VB60 Fiches technique(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  S10VB60_17 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S10VB60_17 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S10VB60_17 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S10VB60_17 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bridge Diode
■外観図 OUTLINE
外形図については新電元 Web サイト又は〈半導体製品一覧表〉をご参照下
さい。捺印表示については捺印仕様をご確認下さい。
For details of outline dimensions, refer to our web site or the Semiconductor
Short Form Catalog. As for the marking, refer to the specification “Marking,
Terminal Connection”.
特 長
(J534-1)
36
SQ I P 型
Square In-line Package
S10VB60
600V 10A
• 耐湿性に優れ高信頼性
• 高耐熱性
• 低 IR
• High-Reliability
• Heat Resistance
• Low IR
Feature
Package
:S10VB
Unit : mm
Weight : 8g(typ.)
22
22
25
7.5
ロット記号(例)
Date code
品名
Type No.
+
■定格表 RATINGS
S10VB60
単位
Unit
−40∼150
MAX
1.05
MAX
10
MAX
2.8
V
A
A
A2s
k
V
N・m
V
μA
℃/W
項  目
Item
記号
Symbol
条 件
Conditions
品 名
Type No.
保存温度
Storage Temperature
接合部温度
Operation Junction Temperature
せん頭逆電圧
Maximum Reverse Voltage
出力電流
Average Rectified Forward Current
せん頭サージ順電流
Peak Surge Forward Current
電流二乗時間積
Current Squared Time
絶縁耐圧
Dielectric Strength
締め付けトルク
Mounting Torque
順電圧
Forward Voltage
逆電流
Reverse Current
熱抵抗
Thermal Resistance
Tstg
Tj
VRM
IO
IFSM
I2t
Vdis
TOR
VF
IR
θjl
フィン付き
With heatsink
フィンなし
Without heatsink
パルス測定,1素子当たりの規格値
Pulse measurement, per diode
パルス測定,1素子当たりの規格値
Pulse measurement, per diode
接合部・リード間
Junction to Lead
IF=5A,
VR=VRM,
●電気的・熱的特性 Electrical Characteristics(指定のない場合 Tl =25℃/unless otherwise specified
50Hz 正弦波,抵抗負荷, Ta = 40℃
50Hz sine wave,
Resistance load, Ta = 40℃
θfa=2.4℃/W
50Hz 正弦波,非繰り返し1サイクルせん頭値, Tj = 25℃
50Hz sine wave, Non-repetitive 1cycle peak value, Tj = 25℃
1ms≦t<10ms,Tj = 25℃,
一括端子・ケース間,AC1分間印加
Terminals to Case, AC 1 minute
(推奨値:0.5 N・m)
(Recommended torque : 0.5 N・m)
150
600
10
3.7
200
110
2
0.8
1素子当たりの規格値
per diode


Numéro de pièce similaire - S10VB60_17

FabricantNo de pièceFiches techniqueDescription
logo
Shindengen Electric Mfg...
S10VB60 SHINDENGEN-S10VB60 Datasheet
261Kb / 5P
Bridge Diode(600V 10A)
S10VB60 SHINDENGEN-S10VB60 Datasheet
158Kb / 1P
SEMICONDUCTOR
More results

Description similaire - S10VB60_17

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
D25XB ETC2-D25XB Datasheet
349Kb / 3P
Single In-line Package
logo
Shindengen Electric Mfg...
D30VC60 SHINDENGEN-D30VC60 Datasheet
399Kb / 4P
Square In-line Package
logo
List of Unclassifed Man...
S5VB60-5000 ETC2-S5VB60-5000 Datasheet
387Kb / 5P
Square In-line Package
logo
Shindengen Electric Mfg...
S2VB60 SHINDENGEN-S2VB60_17 Datasheet
364Kb / 4P
Square In-line Package
S4VB60 SHINDENGEN-S4VB60_17 Datasheet
392Kb / 4P
Square In-line Package
S10WB60 SHINDENGEN-S10WB60_17 Datasheet
432Kb / 4P
Square In-line Package (Input/Output In-line Package)
S15VB60 SHINDENGEN-S15VB60_17 Datasheet
412Kb / 4P
Square In-line Package
S15WB60 SHINDENGEN-S15WB60_17 Datasheet
431Kb / 4P
Square In-line Package (Input/Output In-line Package)
S20WB60 SHINDENGEN-S20WB60_17 Datasheet
465Kb / 4P
Square In-line Package (Input/Output In-line Package)
S25VB60 SHINDENGEN-S25VB60_17 Datasheet
396Kb / 4P
Square In-line Package
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com