| Moteur de recherche de fiches techniques de composants électroniques |
|
GD75232N Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
GD75232N Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 18 page ![]() GD65232, GD75232 MULTIPLE RS232 DRIVERS AND RECEIVERS SLLS206J − MAY 1995 − REVISED NOVEMBER 2004 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic diagram (positive logic) 2 3 4 5 6 7 8 9 19 18 17 16 15 14 13 12 RA1 RA2 RA3 DY1 DY2 RA4 DY3 RA5 RY1 RY2 RY3 DA1 DA2 RY4 DA3 RY5 schematic (each driver) Output DYx 320 Ω 68.5 Ω 3.3 k Ω 10.4 k Ω To Other Drivers VSS To Other Drivers GND 4.2 k Ω Input DAx VDD 75.8 Ω 9.4 k Ω 11.6 k Ω To Other Drivers Resistor values shown are nominal. |