Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC37C78 Fiches technique(PDF) 76 Page - SMSC Corporation

No de pièce FDC37C78
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C78 Fiches technique(HTML) 76 Page - SMSC Corporation

Back Button FDC37C78 Datasheet HTML 72Page - SMSC Corporation FDC37C78 Datasheet HTML 73Page - SMSC Corporation FDC37C78 Datasheet HTML 74Page - SMSC Corporation FDC37C78 Datasheet HTML 75Page - SMSC Corporation FDC37C78 Datasheet HTML 76Page - SMSC Corporation FDC37C78 Datasheet HTML 77Page - SMSC Corporation FDC37C78 Datasheet HTML 78Page - SMSC Corporation FDC37C78 Datasheet HTML 79Page - SMSC Corporation FDC37C78 Datasheet HTML 80Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
76
FIGURE 4 - MICROPROCESSOR WRITE TIMING
Parameter
min
typ
max
units
t1
t2
t3
t4
t5
nCS Set Up to nIOW Low
nIOW Width
nCS Hold from nIOW High
Data Set Up Time to nIOW High
Data Hold Time from nIOW High
40
150
10
10
ns
ns
ns
ns
ns
40
t6
Write Strobe to Clear IRQ
55
ns
40
t3
t1
t2
t4
t5
t6
DATA VALID
nCS
nIOW
DATA
(D0-D7)
IRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82