Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9262EBZ Fiches technique(PDF) 28 Page - Analog Devices

No de pièce AD9262EBZ
Description  30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9262EBZ Fiches technique(HTML) 28 Page - Analog Devices

Back Button AD9262EBZ Datasheet HTML 24Page - Analog Devices AD9262EBZ Datasheet HTML 25Page - Analog Devices AD9262EBZ Datasheet HTML 26Page - Analog Devices AD9262EBZ Datasheet HTML 27Page - Analog Devices AD9262EBZ Datasheet HTML 28Page - Analog Devices AD9262EBZ Datasheet HTML 29Page - Analog Devices AD9262EBZ Datasheet HTML 30Page - Analog Devices AD9262EBZ Datasheet HTML 31Page - Analog Devices AD9262EBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
AD9262
Rev. A | Page 27 of 32
HARDWARE INTERFACE
The pins described in Table 22 comprise the physical interface
between the programming device of the user and the serial port
of the AD9262. The SCLK and CSB pins function as inputs
when using the SPI interface. The SDIO pin is bidirectional,
functioning as an input during write phases and as an output
during readback.
The SPI interface is flexible enough to be controlled by either
PROM or PIC microcontrollers. This provides the user with the
ability to use an alternate method to program the ADC. One
such method is described in detail in the AN-812 Application
Note, MicroController-Based Serial Port Interface (SPI) Boot
Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33