| Moteur de recherche de fiches techniques de composants électroniques |
|
CS61577 Fiches technique(PDF) 29 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CS61577 Fiches technique(HTML) 29 Page - List of Unclassifed Manufacturers |
|
29 / 44 page ![]() Interfacing The CS61577 With the CS62180B T1 Transceiver To interface with the CS62180B, connect the de- vices as shown in Figure A5. In this case, the line interface and CS62180B are in host mode con- trolled by a microprocessor serial interface. If the line interface is used in Hardware Mode, then the line interface RCLK output must be inverted be- fore being input to the CS62180B. If the CS61577 is used in Extended Hardware Mode, the RCLK output does not have to be inverted be- fore being input to the CS62180B. ACLK TCLK RCLK RPOS RNEG TPOS TNEG CS62180B CLKE SCLK INT SDO SDI TCLK TPOS TNEG RNEG RPOS RCLK SCLK SDO SDI TO HOST CONTROLLER V+ 100k 1.544 MHz CLOCK SIGNAL CS61577 CS CS V+ 22k MODE Figure A4. Interfacing the CS61577 with a CS62180B (Host Mode) CS61577 DS155PP2 29 |