Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74HC688M Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74HC688M
Description  High-Speed CMOS Logic 8-Bit Magnitude Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74HC688M Fiches technique(HTML) 2 Page - Texas Instruments

  CD74HC688M Datasheet HTML 1Page - Texas Instruments CD74HC688M Datasheet HTML 2Page - Texas Instruments CD74HC688M Datasheet HTML 3Page - Texas Instruments CD74HC688M Datasheet HTML 4Page - Texas Instruments CD74HC688M Datasheet HTML 5Page - Texas Instruments CD74HC688M Datasheet HTML 6Page - Texas Instruments CD74HC688M Datasheet HTML 7Page - Texas Instruments CD74HC688M Datasheet HTML 8Page - Texas Instruments CD74HC688M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Functional Diagram
TRUTH TABLE
INPUTS
OUPUTS
A, B
EY
A = B
L
L
A
≠ BL
H
XH
H
H = High Voltage Level, L = Low Voltage Level, X = Don’t Care
2
4
6
8
13
17
15
11
A0
A7
A6
A5
A4
A3
A2
A1
3
B0
5
B1
7
B2
9
12
14
16
18
B3
B4
B5
B6
19
Y
B7
E
1
CD54HC688, CD74HC688, CD54HCT688, CD74HCT688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14