Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCU877A Fiches technique(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDCU877A
Description  1.8V PHASE LOCK LOOP CLOCK DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDCU877A Fiches technique(HTML) 13 Page - Texas Instruments

Back Button CDCU877A Datasheet HTML 9Page - Texas Instruments CDCU877A Datasheet HTML 10Page - Texas Instruments CDCU877A Datasheet HTML 11Page - Texas Instruments CDCU877A Datasheet HTML 12Page - Texas Instruments CDCU877A Datasheet HTML 13Page - Texas Instruments CDCU877A Datasheet HTML 14Page - Texas Instruments CDCU877A Datasheet HTML 15Page - Texas Instruments CDCU877A Datasheet HTML 16Page - Texas Instruments CDCU877A Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
CDCU877/CDCU877A
1.8V PHASE LOCK LOOP CLOCK DRIVER
SCAS688A − JUNE 2003 − REVISED JANUARY 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
THERMAL INFORMATION
This package incorporates an exposed thermal pad that is designed to be attached directly to an external
heatsink. The thermal pad must be soldered directly to the printed circuit board (PCB), the PCB can be used
as a heatsink. In addition, through the use of thermal vias, the thermal pad can be attached directly to a ground
plane or special heatsink structure designed into the PCB. This design optimizes the heat transfer from the
integrated circuit (IC).
For information on the Quad Flatpack No-Lead (QFN) package and its advantages, refer to Application Report,
Quad Flatpack No-Lead Packages, Texas Instruments Literature No. SCBA017. This document is available at
www.ti.com.
The exposed thermal pad dimensions for this package are shown in the following illustration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17