| Moteur de recherche de fiches techniques de composants électroniques |
|
BC557C Fiches technique(PDF) 5 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
BC557C Fiches technique(HTML) 5 Page - ON Semiconductor |
|
5 / 8 page ![]() BC556B, BC557, A, B, C, BC558B, C http://onsemi.com 5 BC556 Figure 7. DC Current Gain IC, COLLECTOR CURRENT (mA) Figure 8. “On” Voltage IC, COLLECTOR CURRENT (mA) -0.8 -1.0 -0.6 -0.2 -0.4 1.0 2.0 -0.1 -1.0 -10 -200 -0.2 0.2 0.5 -0.2 -1.0 -10 -200 TJ = 25°C VBE(sat) @ IC/IB = 10 VCE(sat) @ IC/IB = 10 VBE @ VCE = -5.0 V Figure 9. Collector Saturation Region IB, BASE CURRENT (mA) Figure 10. Base–Emitter Temperature Coefficient IC, COLLECTOR CURRENT (mA) -1.0 -1.2 -1.6 -2.0 -0.02 -1.0 -10 0 -20 -0.1 -0.4 -0.8 -0.2 -2.0 -10 -200 -1.0 TJ = 25°C IC = -10 mA VCE = -5.0 V TA = 25°C 0 -0.5 -2.0 -5.0 -20 -50 -100 -0.05 -0.2 -0.5 -2.0 -5.0 -100 mA -20 mA -1.4 -1.8 -2.2 -2.6 -3.0 -0.5 -5.0 -20 -50 -100 -55°C to 125°C θVB for VBE -2.0 -5.0 -20 -50 -100 Figure 11. Capacitance VR, REVERSE VOLTAGE (VOLTS) 40 Figure 12. Current–Gain – Bandwidth Product IC, COLLECTOR CURRENT (mA) -0.1 -0.2 -1.0 -50 2.0 -2.0 -10 -100 100 200 500 50 20 20 10 6.0 4.0 -1.0 -10 -100 VCE = -5.0 V -0.5 -5.0 -20 TJ = 25°C Cob Cib 8.0 -50 mA -200 mA |