| Moteur de recherche de fiches techniques de composants électroniques |
|
ADCMP561 Fiches technique(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADCMP561 Fiches technique(HTML) 7 Page - Analog Devices |
|
7 / 16 page ![]() ADCMP561/ADCMP562 Rev. A | Page 7 of 16 Pin No. ADCMP561 ADCMP562 Mnemonic Function 14 17 GND Analog Ground. 15 18 QB One of two complementary outputs for Channel B. QB is logic low if the analog voltage at the noninverting input is greater than the analog voltage at the inverting input (provided the comparator is in compare mode). See the description of PIN LEB for more information. 16 19 QB One of two complementary outputs for Channel B. QB is logic high if the analog voltage at the noninverting input is greater than the analog voltage at the inverting input (provided the comparator is in compare mode). See the description of Pin LEB for more information. 20 VDD Logic Supply Terminal. |