| Moteur de recherche de fiches techniques de composants électroniques |
|
AD6652BBC Fiches technique(PDF) 75 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6652BBC Fiches technique(HTML) 75 Page - Analog Devices |
|
75 / 76 page ![]() AD6652 Rev. 0 | Page 75 of 76 AD6652 EVALUATION BOARD AND SOFTWARE The AD6652 evaluation board kit contains a fully populated AD6652 PCB, schematic diagrams, operating software, comprehensive instruction manual, and digital filter design software. Users can preview the evaluation board schematic, the software, and the instruction manual on the product Web page of the Analog Devices website. A block diagram of the basic components is shown in Figure 65. AD6652 U301 CLK CLK CLK FPGA U401 32k FIFO U501 XTAL OSCILLATOR U201 J201 EXTERNAL CLK INPUT J205 J206 J202 INPUT A J203 INPUT B T201 T202 ANALOG INPUT MICROPORT CONTROL LINES PROM BUFFER U601 J101 6V POWER SUPPLY CONNECTOR PC PARALLEL PRINTER PORT CONNECTOR (J601) J605 8-BIT LINK PORT B J604 8-BIT LINK PORT A J602 16-BIT PARALLEL OUTPUT PORT A J603 16-BIT PARALLEL OUTPUT PORT B Figure 65. Simplified Block Diagram of AD6652 PCB |