| Moteur de recherche de fiches techniques de composants électroniques |
|
DM74283 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM74283 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF9786 June 1989 54283DM74283 4-Bit Binary Full Adder (with Fast Carry) General Description The ’283 high speed 4-bit binary full adders with internal carry lookahead accept two 4-bit binary words (A0 – A3 B0 – B3) and a Carry input (C0) They generate the binary Sum outputs (S0 – S3) and the Carry output (C4) from the most significant bit They operate with either active HIGH or ac- tive LOW operands (positive or negative logic) Connection Diagram Dual-In-Line Package TLF9786 – 1 Order Number 54283DMQB 54283FMQB or DM74283N See NS Package Number J16A N16E or W16A Pin Names Description A0 – A3 A Operand Inputs B0 – B3 B Operand Inputs C0 Carry Input S0 – S3 Sum Outputs C4 Carry Output C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
Numéro de pièce similaire - DM74283 |
|
Description similaire - DM74283 |