Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54HC4050RPFS Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce 54HC4050RPFS
Description  CMOS Logic Hex Non-Inverting Buffers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

54HC4050RPFS Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

  54HC4050RPFS Datasheet HTML 1Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 2Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 3Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 4Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 5Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 6Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 7Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
All data sheets are subject to change without notice
©2001 Maxwell Technologies.
All rights reserved.
CMOS Logic Hex Non-Inverting Buffers
54HC4050
12.19.01 Rev 1
1000587
F16-01
Note: All dimensions in inches
16-PIN RAD-PAK® FLAT PACKAGE
SYMBOL
DIMENSION
MIN
NOM
MAX
A
0.115
0.135
0.150
b
0.015
0.017
0.019
c
0.004
0.005
0.007
D
0.407
0.415
0.423
E
0.275
0.280
0.285
E1
--
--
0.500
E2
0.150
0.156
0.162
E3
0.030
0.062
--
e
0.050 BSC
L
0.325
0.335
0.345
Q
0.020
0.033
0.045
S1
0.005
0.024
0.045
N16



Html Pages

1 2 3 4 5 6 7 8