Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC3824A Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce 2SC3824A
Description  Silicon NPN triple diffusion planar type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3824A Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  2SC3824A Datasheet HTML 1Page - Panasonic Semiconductor 2SC3824A Datasheet HTML 2Page - Panasonic Semiconductor 2SC3824A Datasheet HTML 3Page - Panasonic Semiconductor 2SC3824A Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC3824, 2SC3824A
2
SJD00113AED
PC  Ta
IC  VCE
VCE(sat)  IC
VBE(sat)  IC
hFE  IC
fT  IC
ton , tstg , tf  IC
Safe operation area
0
0
160
40
120
80
5
15
10
20
Ambient temperature T
a (°C)
(1)
(2)
(1)TC=Ta
(3)Without heat sink
(PC=1.3W)
0
012
210
48
6
1.2
1.0
0.8
0.6
0.4
0.2
Collector-emitter voltage V
CE (V)
TC=25˚C
90mA
80mA
70mA
60mA
50mA
40mA
30mA
20mA
10mA
100mA
IB=200mA
0.01
0.1
1
0.01
0.1
1
Collector current I
C (A)
IC/IB=5
–25˚C
25˚C
TC=100˚C
0.01
0.01
0.1
1
0.1
1
Collector current I
C (A)
IC/IB=5
TC=–25˚C
25˚C
100˚C
0.01
1
0.1
0.1
1
10
100
Collector current I
C (A)
VCE=5V
TC=100˚C
25˚C
–25˚C
10−3
10−2
10−1
1
0.1
1
10
100
1 000
Collector current I
C (A)
VCE=10V
f=1MHz
TC=25˚C
0.01
0.1
1
10
100
0
1.0
0.8
0.6
0.4
0.2
Collector current I
C (A)
tstg
tf
ton
Pulsed tw=1ms
Duty cycle=1%
IC/IB=5
(2IB1=–IB2)
VCC=250V
TC=25˚C
1
10
100
1 000
10−3
10−2
10−1
1
10
Collector-emitter voltage V
CE (V)
ICP
t=300ms
t=10ms
t=1ms
IC
Non repetitive pulse
TC=25˚C
0
012
210
48
6
1.2
1.0
0.8
0.6
0.4
0.2
Collector-emitter voltage V
CE (V)
TC=25˚C
90mA
80mA
70mA
60mA
50mA
40mA
30mA
20mA
10mA
100mA
IB=200mA



Html Pages

1 2 3 4