Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EC49024 Fiches technique(PDF) 8 Page - E-CMOS Corporation

No de pièce EC49024
Description  QC 2.0 Interface Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-CMOS [E-CMOS Corporation]
Site Internet  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49024 Fiches technique(HTML) 8 Page - E-CMOS Corporation

  EC49024 Datasheet HTML 1Page - E-CMOS Corporation EC49024 Datasheet HTML 2Page - E-CMOS Corporation EC49024 Datasheet HTML 3Page - E-CMOS Corporation EC49024 Datasheet HTML 4Page - E-CMOS Corporation EC49024 Datasheet HTML 5Page - E-CMOS Corporation EC49024 Datasheet HTML 6Page - E-CMOS Corporation EC49024 Datasheet HTML 7Page - E-CMOS Corporation EC49024 Datasheet HTML 8Page - E-CMOS Corporation EC49024 Datasheet HTML 9Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
QC 2.0 Interface Module
E-CMOS Corp. (www.ecmos.com.tw)
Page 8 of 9
5J15N Rev. F001
EC49024
Quick Charge 2.0 Interface
At power-up EC49024 turns on switch N5 (see Figure 3) in 20 ms or less after the BYPASS pin voltage has reached 4 V.
Switch N4 and output switches N1 to N3 remain off. This sets the default 5 V output voltage level. With D+ and D-
short-circuited the normal handshake between the AC-DC adapter (DCP) and powered devices (PD) as described in
the USB Battery Charging Specification 1.2 can commence. After switch N5 has been turned on EC49024 starts
monitoring the voltage level at D+. If it continuously stays At USB cable disconnect the voltage level at D+ above
VDAT(REF) (typ. 0.325 V) and below VSEL(REF) (typ. 2 V) for at least 1.25 seconds EC49024 will enter Quick Charge 2.0
operation mode. If the voltage at D+ drops any time below 0.325 V EC49024 resets the 1.25 seconds timer and stays in
USB Battery Charging Specification 1.2 compatibility mode with a default output voltage of 5 V.
Once EC49024 has entered Quick Charge 2.0 operation mode switch N5 will be turned off. Additionally switch N4 is
turned on connecting a 19.53 kΩ pull-down resistor to D-. As soon as the voltage at D- has dropped low (<0.325 V) for
at least 1 ms EC49024 starts accepting requests for different AC-DC adapter output voltages by means of applied
voltage levels at data lines D+ and D- through the powered device. Table 1 summarizes the output voltage lookup table,
corresponding AC-DC adapter output voltages and status of switches N1 to N3.
For Quick Charge 2.0 Class A support only, the V3 pin has to be connected to the BYPASS pin (directly or through a
resistor up to 100 kΩ). This will inhibit any requests for setting a 20 V output.is pulled down by resistor R
DAT(LKG) (see
Figure 1). Once it drops below 0.325 V EC49024 will turn on switch N5 (thereby short-circuiting D+ and D-) and turns
off switches N1 to N4. This sets the default output voltage of 5 V. The recommended value for RDAT(LKG) = 390 kΩ.
Vo1(5V)=VFB*((R1/R2)+1);
Vo2(9V)= VFB*((R1/ RX1)+1), RX1=R2//R3;
Vo3(12V)= VFB*((R1/ RX2)+1), RX2=RX1//R4;
Vo4(20V)= VFB*((R1/ RX3)+1), RX3=RX2//R5;



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com