| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9689-2000EBZ Fiches technique(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9689-2000EBZ Fiches technique(HTML) 15 Page - Analog Devices |
|
15 / 134 page ![]() Data Sheet AD9689 Rev. A | Page 15 of 134 Pin No. Mnemonic Type Description Digital Controls L5 CSB Input SPI Chip Select (Active Low). L6 SCLK Input SPI Serial Clock. L7 SDIO Input/output SPI Serial Data Input/Output. L8 PDWN/STBY Input Power-Down Input (Active High). The operation of this pin depends on the SPI mode and can be configured as power-down or standby. 1 See the Theory of Operation section and the Applications Information section for more information on isolating the planes for optimal performance. 2 Denotes clock domain. 3 Denotes SYSREF± domain. 4 Denotes isolation domain. |