Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9689-2000EBZ Fiches technique(PDF) 133 Page - Analog Devices

No de pièce AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Fiches technique(HTML) 133 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 126Page - Analog Devices AD9689-2000EBZ Datasheet HTML 127Page - Analog Devices AD9689-2000EBZ Datasheet HTML 128Page - Analog Devices AD9689-2000EBZ Datasheet HTML 129Page - Analog Devices AD9689-2000EBZ Datasheet HTML 130Page - Analog Devices AD9689-2000EBZ Datasheet HTML 131Page - Analog Devices AD9689-2000EBZ Datasheet HTML 132Page - Analog Devices AD9689-2000EBZ Datasheet HTML 133Page - Analog Devices AD9689-2000EBZ Datasheet HTML 134Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 133 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 133 of 134
LAYOUT GUIDELINES
The ADC evaluation board can be used as a guide to follow
good layout practices. The evaluation board layout is set up in
such a way as to
•
Minimize coupling between the analog inputs (Channel A
to Channel B and Channel B to Channel A).
•
Minimize clock coupling to the analog inputs.
•
Provide enough power and ground planes for the various
supply domains while reducing cross coupling.
•
Provide adequate thermal relief to the ADC.
Figure 159 shows the overall layout scheme used for the
AD9689 evaluation boards.
AVDD1_SR (PIN E7) AND AGND (PIN E6 AND PIN E8)
Use AVDD1_SR (Pin E7) and AGND (Pin E6 and Pin E8) to
provide a separate power supply node to the SYSREF± circuits
of the AD9689. If running in Subclass 1, the AD9689 can
support periodic one-shot or gapped signals. To minimize the
coupling of this supply into the AVDD1 supply node, adequate
supply bypassing is needed.
ADC
CH.A
CH.B
CLK±
JESD204B LANES
POWER
Figure 159. Recommended PCB Layout for the AD9689



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More