| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9689 Fiches technique(PDF) 89 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9689 Fiches technique(HTML) 89 Page - Analog Devices |
|
89 / 134 page ![]() Data Sheet AD9689 Rev. A | Page 89 of 134 SYSREF± SETUP/HOLD WINDOW MONITOR To ensure a valid SYSREF signal capture, the AD9689 has a SYSREF± setup/hold window monitor. This feature allows the system designer to determine the location of the SYSREF± signals relative to the CLK± signals by reading back the amount of setup/hold margin on the interface through the memory map. Figure 154 and Figure 155 show the setup and hold status values for different phases of SYSREF±. The setup detector returns the status of the SYSREF± signal before the CLK± edge, and the hold detector returns the status of the SYSREF signal after the CLK± edge. Register 0x0128 stores the status of SYSREF± and notifies the user if the SYSREF± signal is captured by the ADC. Table 36 shows the description of the contents of Register 0x0128 and how to interpret them. VALID REG 0x0128[3:0] CLK± INPUT SYSREF± INPUT FLIP FLOP HOLD (MIN) FLIP FLOP HOLD (MIN) FLIP FLOP SETUP (MIN) 0xF 0xE 0xD 0xC 0xB 0xA 0x9 0x8 0x7 0x6 0x5 0x4 0x3 0x2 0x1 0x0 Figure 154. SYSREF± Setup Detector |