| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9684 Fiches technique(PDF) 33 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9684 Fiches technique(HTML) 33 Page - Analog Devices |
|
33 / 65 page ![]() AD9684 Data Sheet NCO + MIXER (OPTIONAL) DDC 3 SYNC± REAL/I REAL/Q REAL/I CONVERTER 6 Q CONVERTER 7 I Q NCO + MIXER (OPTIONAL) DDC 0 SYNC± REAL/I REAL/Q REAL/I CONVERTER 0 Q CONVERTER 1 I Q NCO + MIXER (OPTIONAL) DDC 1 SYNC± REAL/I REAL/Q REAL/I CONVERTER 2 Q CONVERTER 3 I Q NCO + MIXER (OPTIONAL) DDC 2 SYNC± REAL/I REAL/Q REAL/I CONVERTER 4 Q CONVERTER 5 I Q ADC SAMPLING AT fS REAL/I ADC SAMPLING AT fS REAL/I SYNCHRONIZATION CONTROL CIRCUITS SYNC± Figure 58. DDC Detailed Block Diagram Figure 59 shows an example usage of one of the four DDC blocks with a real input signal and four half-band filters (HB4 + HB3 + HB2 + HB1). It shows both complex (decimate by 16) and real (decimate by 8) output options. When DDCs have different decimation ratios, the chip decimation ratio (Register 0x201) must be set to the lowest decimation ratio for all the DDC blocks. In this scenario, samples of higher decima- tion ratio DDCs are repeated to match the chip decimation ratio sample rate. Whenever the NCO frequency is set or changed, the DDC soft reset must be issued. If the DDC soft reset is not issued, the output may potentially show amplitude variations. Table 10 through Table 15 show the DDC samples when the chip decimation ratio is set to 1, 2, 4, 8, or 16, respectively. When DDCs have different decimation ratios, the chip decimation ratio must be set to the lowest decimation ratio of all the DDC channels. In this scenario, samples of higher decimation ratio DDCs are repeated to match the chip decimation ratio sample rate. Rev. 0 | Page 32 of 64 |