Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9683 Fiches technique(PDF) 13 Page - Analog Devices

No de pièce AD9683
Description  Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9683 Fiches technique(HTML) 13 Page - Analog Devices

Back Button AD9683 Datasheet HTML 9Page - Analog Devices AD9683 Datasheet HTML 10Page - Analog Devices AD9683 Datasheet HTML 11Page - Analog Devices AD9683 Datasheet HTML 12Page - Analog Devices AD9683 Datasheet HTML 13Page - Analog Devices AD9683 Datasheet HTML 14Page - Analog Devices AD9683 Datasheet HTML 15Page - Analog Devices AD9683 Datasheet HTML 16Page - Analog Devices AD9683 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
AD9683
Data Sheet
Rev. D | Page 12 of 44
Pin No.
Mnemonic
Type
Description
Device Under Test (DUT) Controls
8
RST
Input
Digital Reset (Active Low).
20
SDIO
Input/output
SPI Serial Data Input/Output.
21
SCLK
Input
SPI Serial Clock.
22
CS
Input
SPI Chip Select (Active Low). This pin needs an external pull-up.
23
PDWN
Input
Power-Down Input (Active High). The operation of this pin depends
on SPI mode and can be configured as power-down or standby (see
Table 17).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45