| Moteur de recherche de fiches techniques de composants électroniques |
|
XRT4500 Fiches technique(PDF) 41 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT4500 Fiches technique(HTML) 41 Page - Exar Corporation |
|
41 / 99 page ![]() XRT4500 áç áç áç áç MULTIPROTOCOL SERIAL NETWORK INTERFACE IC REV. 1.0.7 38 TABLE 3: DTE MODE - CONTROL PROGRAMMING FOR DRIVER AND RECEIVER MODE SELECTION INTERFACE STANDARD CONTROL INPUTS M2 M1 M0 DRIVER/RECEIVER PAIR AND CORRESPONDING SIGNAL NAME - DTE MODE TX1 RX1 TXD RXD TX2 RX2 SCTE RXC TX3 RX3 - TXC TX4 RX4 RTS CTS TX5 RX5 DTR DSR TX6 RX6 - DCD TX7 RX7 LL - TX8 RX8 RL RI/TM V.10 0 0 0 V.10 V.10 V.10 V.10 Off V.10 V.10 V.10 V.10 V.10 Off V.10 V.10 Off V.10 V.10 EIA-530-A (V.11) 0 0 1 V.11 V.11 V.11 V.11 Off V.11 V.11 V.11 V.10 V.10 Off V.11 V.10 Off V.10 V.10 EIA-530, RS449, V.36 0 1 0 V.11 V.11 V.11 V.11 Off V.11 V.11 V.11 V.11 V.11 Off V.11 V.10 Off V.10 V.10 X.21 0 1 1 V.11 V.11 V.11 V.11 Off V.11 V.11 V.11 V.11 V.11 Off Off Off Off Off Off V.35 1 0 0 V.35 V.35 V.35 V.35 Off V.35 V.28 V.28 V.28 V.28 Off V.28 V.28 Off V.28 V.28 RESERVED 1 0 1 V.11 V.11 V.11 V.11 Off V.11 V.11 V.11 V.11 V.11 Off V.11 V.10 Off V.10 V.10 RS232 (V.28) 1 1 0 V.28 V.28 V.28 V.28 Off V.28 V.28 V.28 V.28 V.28 Off V.28 V.28 Off V.28 V.28 POWER DOWN 1 1 1 Off Off Off Off Off Off Off Off Off Off Off Off Off Off Off Off TABLE 4: DCE MODE - CONTROL PROGRAMMING FOR DRIVER AND RECEIVER MODE SELECTION INTERFACE STANDARD CONTROL INPUTS M2 M1 M0 DRIVER/RECEIVER PAIR AND CORRESPONDING SIGNAL NAME - DCE MODE TX1 RX1 RXD TXD TX2 RX2 RXC SCTE TX3 RX3 TXC - TX4 RX4 CTS RTS TX5 RX5 DSR DTR TX6 RX6 DCD - TX7 RX7 - LL TX8 RX8 RI/TM RL V.10 0 0 0 V.10 V.10 V.10 V.10 V.10 Off V.10 V.10 V.10 V.10 V.10 Off Off V.10 V.10 V.10 EIA-530-A (V.11) 0 0 1 V.11 V.11 V.11 V.11 V.11 Off V.11 V.11 V.10 V.10 V.11 Off Off V.10 V.10 V.10 EIA-530, RS449, V.36 0 1 0 V.11 V.11 V.11 V.11 V.11 Off V.11 V.11 V.11 V.11 V.11 Off Off V.10 V.10 V.10 X.21 0 1 1 V.11 V.11 V.11 V.11 V.11 Off V.11 V.11 V.11 V.11 Off Off Off Off Off Off V.35 1 0 0 V.35 V.35 V.35 V.35 V.35 Off V.28 V.28 V.28 V.28 V.28 Off Off V.28 V.28 V.28 RESERVED 1 0 1 V.11 V.11 V.11 V.11 V.11 Off V.11 V.11 V.11 V.11 V.11 Off Off V.10 V.10 V.10 RS232 1 1 0 V.28 V.28 V.28 V.28 V.28 Off V.28 V.28 V.28 V.28 V.28 Off Off V.28 V.28 V.28 POWER DOWN 1 1 1 Off Off Off Off Off Off Off Off Off Off Off Off Off Off Off Off |