Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VN750PT13TR Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce VN750PT13TR
Description  HIGH SIDE DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750PT13TR Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button VN750PT13TR Datasheet HTML 19Page - STMicroelectronics VN750PT13TR Datasheet HTML 20Page - STMicroelectronics VN750PT13TR Datasheet HTML 21Page - STMicroelectronics VN750PT13TR Datasheet HTML 22Page - STMicroelectronics VN750PT13TR Datasheet HTML 23Page - STMicroelectronics VN750PT13TR Datasheet HTML 24Page - STMicroelectronics VN750PT13TR Datasheet HTML 25Page - STMicroelectronics VN750PT13TR Datasheet HTML 26Page - STMicroelectronics VN750PT13TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
23/29
VN750 / VN750S / VN750PT / VN750-B5
DIM.
mm.
MIN.
TYP
MAX.
A4.30
4.80
A2
0.03
0.23
C1.17
1.37
D2.40
2.80
D1
8.95
9.35
E0.45
0.60
F0.80
1.05
G3.20
3.60
G1
6.60
7.00
H1
8.5
H2
10.00
10.40
L
15
15.85
L1
8
L2
1.27
1.40
L3
1.30
1.70
M2.40
3.20
R
0.40
V2
0º
8º
Package Weight
1.43 Gr (typ)
P010R
P2PAK MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29