Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VSC7146RH Fiches technique(PDF) 13 Page - Vitesse Semiconductor Corporation

No de pièce VSC7146RH
Description  2.5Gb/s, 20-Bit Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VITESSE [Vitesse Semiconductor Corporation]
Site Internet  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7146RH Fiches technique(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC7146RH Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 13
8/28/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7146
2.5Gb/s, 20-Bit Transceiver
G52162-0, Rev. 2.7
Package Pin Descriptions
Figure 10: Pin Diagram
(Top View)
1
5
7
9
11
13
15
17
3
19
R6
R15
R7
R17
VDDT
R8
R14
VDDT
R5
VSST
R16
R19
R18
R9
R4
R13
R2
R12
R3
VSST
59
55
53
51
49
47
45
43
57
41
T4
T13
VDD
T5
T15
T6
VSS
T12
T3
VDD
T17
T16
T7
T2
T11
T0
T10
T1
T8
T14
Pin 80 has changed from SLOOP in previous versions of the spec to TEST4. Tie this pin to VSS.
NOTES: Heat Sink is not connected electrically. It should not be connected electrically by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19