Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VSC7146 Fiches technique(PDF) 18 Page - Vitesse Semiconductor Corporation

No de pièce VSC7146
Description  2.5Gb/s, 20-Bit Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VITESSE [Vitesse Semiconductor Corporation]
Site Internet  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7146 Fiches technique(HTML) 18 Page - Vitesse Semiconductor Corporation

Back Button VSC7146 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 19Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7146
2.5Gb/s, 20-Bit Transceiver
Page 18
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
8/28/00
G52162-0 Rev. 2.7
Ordering Information
The part number for this product is formed by a combination of the device number and the package style:
Notice
This document contains information about a new product during its fabrication or early sampling phase of
development. The information contained in this document is based on design targets, simulation results or early
prototype test results. Characteristic data and other specifications are subject to change without notice.
Therefore, the reader is cautioned to confirm that this data sheet is current prior to design or order placement.
Warning
Vitesse Semiconductor Corporation’s products are not intended for use in life support appliances, devices
or systems. Use of a Vitesse product in such applications without written consent is prohibited.
VSC7146
xx
Device Type
Package
2.5 Gb/s, 20-Bit Transceiver
RH: 80-Pin, 14x14mm EDQUAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19