| Moteur de recherche de fiches techniques de composants électroniques |
|
TH8055 Fiches technique(PDF) 13 Page - Micro Electronics |
|
|
|||||||||||||||||||||||||||||
TH8055 Fiches technique(HTML) 13 Page - Micro Electronics |
|
13 / 15 page ![]() TH8055 Single Wire CAN Transceiver 390108055 Page 13 of 15 Rev. 1.1a Jan 2002 Pin Description TH8055 1 2 3 4 8 7 6 5 TxD VBAT RXD MODE0 GND CANH LOAD MODE1 Pin Name IO-Typ Description 1 TXD I Transmit data from core to CAN 2 MODE0 I Operating mode select input 0 3 MODE1 I Operating mode select input 1 4 RXD O Receive data from CAN to core 5 VBAT Battery input voltage 6 LOAD Resistor load (loss of ground low side switch ) 7 CANH I/O Single wire CAN bus pin 8 GND Ground |