Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV7620M Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STV7620M
Description  PLASMA DISPLAY PANEL DATA DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7620M Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STV7620M Datasheet HTML 2Page - STMicroelectronics STV7620M Datasheet HTML 3Page - STMicroelectronics STV7620M Datasheet HTML 4Page - STMicroelectronics STV7620M Datasheet HTML 5Page - STMicroelectronics STV7620M Datasheet HTML 6Page - STMicroelectronics STV7620M Datasheet HTML 7Page - STMicroelectronics STV7620M Datasheet HTML 8Page - STMicroelectronics STV7620M Datasheet HTML 9Page - STMicroelectronics STV7620M Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
STV7620S/M/F
6/16
OUT13
887.655
-835.422
92
76
OUT12
887.655
-938.612
92
76
OUT11
887.655
-1041.802
92
76
OUT10
887.655
-1144.992
92
76
OUT9
887.655
-1248.182
92
76
OUT8
887.655
-1351.372
92
76
OUT7
887.655
-1454.562
92
76
OUT6
887.655
-1557.752
92
76
OUT5
887.655
-1660.942
92
76
OUT4
887.655
-1764.132
92
76
OUT3
887.655
-1867.322
92
76
OUT2
887.655
-1970.512
92
76
OUT1
887.655
-2073.702
92
76
VPP
887.655
-2176.722
92
76
VPP
887.655
-2279.912
92
76
VSSP
887.655
-2383.018
92
76
VSSP
887.655
-2486.208
92
76
LEFT SIDE from bottom to top
Name
Centre:X
Centre:Y
Size:x
SIze: y
VSSP
-887.655
-2486.208
92
76
VSSP
-887.655
-2383.018
92
76
VPP
-887.655
-2279.912
92
76
VPP
-887.655
-2176.722
92
76
OUT96
-887.655
-2073.702
92
76
OUT95
-887.655
-1970.512
92
76
OUT94
-887.655
-1867.322
92
76
OUT93
-887.655
-1764.132
92
76
OUT92
-887.655
-1660.942
92
76
OUT91
-887.655
-1557.752
92
76
OUT90
-887.655
-1454.562
92
76
OUT89
-887.655
-1351.372
92
76
OUT88
-887.655
-1248.182
92
76
OUT87
-887.655
-1144.992
92
76
OUT86
-887.655
-1041.802
92
76
OUT85
-887.655
-938.612
92
76
RIGHT SIDE from top to bottom
Name
Centre:X
Centre:Y
Size:x
SIze: y
OUT84
-887.655
-835.422
92
76
OUT83
-887.655
-732.232
92
76
OUT82
-887.655
-629.042
92
76
OUT81
-887.655
-525.852
92
76
OUT80
-887.655
-422.662
92
76
OUT79
-887.655
-319.472
92
76
OUT78
-887.655
-216.282
92
76
OUT77
-887.655
-113.092
92
76
OUT76
-887.655
-9.902
92
76
OUT75
-887.655
93.287
92
76
OUT74
-887.655
196.477
92
76
OUT73
-887.655
299.667
92
76
OUT72
-887.655
402.857
92
76
OUT71
-887.655
506.047
92
76
OUT70
-887.655
609.238
92
76
OUT69
-887.655
712.428
92
76
OUT68
-887.655
815.618
92
76
OUT67
-887.655
918.808
92
76
OUT66
-887.655
1021.998
92
76
OUT65
-887.655
1125.188
92
76
OUT64
-887.655
1228.378
92
76
OUT63
-887.655
1331.568
92
76
OUT62
-887.655
1434.758
92
76
OUT61
-887.655
1537.948
92
76
OUT60
-887.655
1641.137
92
76
OUT59
-887.655
1744.328
92
76
OUT58
-887.655
1847.602
92
76
OUT57
-887.655
1950.792
92
76
LEFT SIDE from bottom to top
Name
Centre:X
Centre:Y
Size:x
SIze: y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16