| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9656 Fiches technique(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9656 Fiches technique(HTML) 11 Page - Analog Devices |
|
11 / 47 page ![]() AD9656 Data Sheet Rev. A | Page 10 of 46 Timing Diagrams Refer to the Memory Map Register Table section for SPI register settings. VINA+/ VINA– VINB+/ VINB– VINC+/ VINC– VIND+/ VIND– CLK+ CLK– SERDOUTx+ CLK+ CLK– SERDOUTx– VINB, SAMPLE N – 23, MSB FIRST, 8B/10B ENCODED DATA VINC, SAMPLE N – 23, MSB FIRST, 8B/10B ENCODED DATA VIND, SAMPLE N – 23, MSB FIRST, 8B/10B ENCODED DATA VINA, SAMPLE N – 23, MSB FIRST, 8B/10B ENCODED DATA SAMPLE N N – 23 N – 21 N – 22 N + 1 N – 1 N – 20 SAMPLE N N – 23 N – 21 N – 22 N + 1 N – 1 N – 20 SAMPLE N N – 23 N – 21 N – 22 N + 1 N – 1 N – 20 SAMPLE N N – 23 N – 21 N – 22 N + 1 N – 1 N – 20 N – 19 N – 19 N – 19 N – 19 Figure 2. Data Output Timing, M = 4, L = 1 tREFS CLK+ CLK– SYSREF– SYSREF+ tREFH Figure 3. SYSREF± Setup and Hold Timing (Clock Divider = 1) |