| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9652 Fiches technique(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9652 Fiches technique(HTML) 13 Page - Analog Devices |
|
13 / 37 page ![]() AD9652 Data Sheet Rev. B | Page 12 of 36 Pin No. Mnemonic Type Description K12 D14− Output Channel A/Channel B LVDS Output Data 14 (Complement). J11 D15+ Output Channel A/Channel B LVDS Output Data 15 (True, MSB). J12 D15− Output Channel A/Channel B LVDS Output Data 15 (Complement, MSB). G12 OR+ Output Channel A/Channel B LVDS Overrange (True). H12 OR− Output Channel A/Channel B LVDS Overrange (Complement). J8 DCO+ Output Channel A/Channel B LVDS Data Clock Output (True). K8 DCO− Output Channel A/Channel B LVDS Data Clock Output (Complement). SPI Control F12 SCLK Input SPI Serial Clock. E12 SDIO Input/Output SPI Serial Data Input/Output. D12 CSB Input SPI Chip Select (Active Low). This pinmust be pulledhigh at power-up. |