| Moteur de recherche de fiches techniques de composants électroniques |
|
2SC5183 Fiches technique(PDF) 21 Page - NEC |
|
|
|||||||||||||||||||||||||||||
2SC5183 Fiches technique(HTML) 21 Page - NEC |
|
21 / 21 page ![]() NE687 SERIES OUTLINE DIMENSIONS1 (Units in mm) PACKAGE OUTLINE 39R (SOT-143) LEAD CONNECTIONS 1. Collector 2. Emitter 3. Base 4. Emitter PACKAGE OUTLINE 39 (SOT-143) OUTLINE 39 RECOMMENDED P.C.B. LAYOUT LEAD CONNECTIONS 1. Emitter 2. Collector 3. Emitter 4. Base OUTLINE 39R RECOMMENDED P.C.B. LAYOUT 2.8 +0.2 -0.3 +0.10 -0.05 (LEADS 2, 3, 4) 0.6 +0.10 -0.05 0.16 +0.10 -0.06 5˚ 5˚ 0.8 1.1 +0.2 -0.1 1 2 3 0 to 0.1 4 0.4 2.9 ± 0.2 0.95 0.85 1.9 1.5 +0.2 -0.1 4 1.0 3 2.4 2 1.9 1.0 1 +0.10 -0.05 (LEADS 1, 3, 4) 0.6 +0.10 -0.05 0.16+0.10 -0.06 5˚ 5˚ 0.8 1.1 +0.2 -0.1 1 2 3 0 to 0.1 4 0.4 2.8 +0.2 -0.3 1.5 +0.2 -0.1 2.9 ± 0.2 0.85 0.95 1.8 4 1.0 3 2.4 2 1.9 1.0 1 Note: 1. Lead material: Cu Lead plating: PbSn PART NUMBER QUANTITY PACKAGING NE68718-T1 3000 Tape & Reel NE68719-T1 3000 Tape & Reel NE68730-T1 3000 Tape & Reel NE68733-T1 3000 Tape & Reel NE68739-T1 3000 Tape & Reel NE68739R-T1 3000 Tape & Reel ORDERING INFORMATION EXCLUSIVE NORTH AMERICAN AGENT FOR NEC RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279 Internet: http://WWW.CEL.COM 04/24/2002 DATA SUBJECT TO CHANGE WITHOUT NOTICE Life Support Applications These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL for all damages resulting from such improper use or sale. |