Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC5182 Fiches technique(PDF) 21 Page - NEC

No de pièce 2SC5182
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

2SC5182 Fiches technique(HTML) 21 Page - NEC

Back Button 2SC5182 Datasheet HTML 13Page - NEC 2SC5182 Datasheet HTML 14Page - NEC 2SC5182 Datasheet HTML 15Page - NEC 2SC5182 Datasheet HTML 16Page - NEC 2SC5182 Datasheet HTML 17Page - NEC 2SC5182 Datasheet HTML 18Page - NEC 2SC5182 Datasheet HTML 19Page - NEC 2SC5182 Datasheet HTML 20Page - NEC 2SC5182 Datasheet HTML 21Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
NE687 SERIES
OUTLINE DIMENSIONS1 (Units in mm)
PACKAGE OUTLINE 39R
(SOT-143)
LEAD
CONNECTIONS
1. Collector
2. Emitter
3. Base
4. Emitter
PACKAGE OUTLINE 39
(SOT-143)
OUTLINE 39
RECOMMENDED P.C.B. LAYOUT
LEAD
CONNECTIONS
1. Emitter
2. Collector
3. Emitter
4. Base
OUTLINE 39R
RECOMMENDED P.C.B. LAYOUT
2.8
+0.2
-0.3
+0.10
-0.05
(LEADS 2, 3, 4)
0.6
+0.10
-0.05
0.16
+0.10
-0.06
5˚
5˚
0.8
1.1
+0.2
-0.1
1
2
3
0 to 0.1
4
0.4
2.9 ± 0.2 0.95
0.85
1.9
1.5
+0.2
-0.1
4
1.0
3
2.4
2
1.9
1.0
1
+0.10
-0.05
(LEADS 1, 3, 4)
0.6
+0.10
-0.05
0.16+0.10
-0.06
5˚
5˚
0.8
1.1
+0.2
-0.1
1
2
3
0 to 0.1
4
0.4
2.8
+0.2
-0.3
1.5
+0.2
-0.1
2.9 ± 0.2
0.85
0.95
1.8
4
1.0
3
2.4
2
1.9
1.0
1
Note:
1. Lead material: Cu
Lead plating: PbSn
PART NUMBER
QUANTITY
PACKAGING
NE68718-T1
3000
Tape & Reel
NE68719-T1
3000
Tape & Reel
NE68730-T1
3000
Tape & Reel
NE68733-T1
3000
Tape & Reel
NE68739-T1
3000
Tape & Reel
NE68739R-T1
3000
Tape & Reel
ORDERING INFORMATION
EXCLUSIVE NORTH AMERICAN AGENT FOR NEC RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
Internet: http://WWW.CEL.COM
04/24/2002
DATA SUBJECT TO CHANGE WITHOUT NOTICE
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21